Part Number Hot Search : 
SSP2FRQ 1N746A B230LA08 1AZ13 ADXL343 AS22CH IRFF9110 T690N
Product Description
Full Text Search
 

To Download SF10JZ47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sf10gz47,SF10JZ47 2001-07-13 1 toshiba thyristor silicon planar type sf10gz47,SF10JZ47 medium power control applications  repetitive peak off ? state voltage : v drm = 400,600v repetitive peak reverse voltage : v rrm = 400,600v  average on ? state current : i t (av) = 1 0a  isolation voltage : v isol = 1 500v ac maximum ratings characteristic symbol rating unit sf10gz47 400 repetitive peak off ? state voltage and repetitive peak reverse voltage SF10JZ47 v drm v rrm 600 v sf10gz47 500 non ? repetitive peak reverse voltage (non ? repetitive<5ms, t j = 0~125c) SF10JZ47 v rsm 720 v average on ? state current (half sine waveform tc = 66c) i t (av) 10 a r.m.s. on ? state current i t (rms) 16 a 160 (50hz) peak one cycle surge on-state current (non ? repetitive) i tsm 176 (60hz) a i 2 t limit value i 2 t 125 a 2 s critical rate of rise of on-state current (note 1) di / dt 100 a / s peak gate power dissipation p gm 5 w average gate power dissipation p g (av) 0.5 w peak forward gate voltage v fgm 10 v peak reverse gate voltage v rgm ? 5 v peak forward gate current i gm 2 a junction temperature t j ? 40~125 c storage temperature range t stg ? 40~125 c isolation voltage (ac, t = 1min.) v isol 1500 v note 1: di / dt test condition v drm = 0.5 rated i tm 30a t gw 10s t gr 250ns i gp = i gt 2.0 jedec D jeita D toshiba 13 ? 10h1b weight: 1.7 g unit: mm
sf10gz47,SF10JZ47 2001-07-13 2 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit repetitive peak off ? state current and repetitive peak reverse current i drm i rrm v drm = v rrm = rated D D 10 a peak on ? state voltage v tm i tm = 30a D D 1.5 v gate trigger voltage v gt D D 1.0 v gate trigger current i gt v d = 6v, r l = 10 ? D D 10 ma gate non ? trigger voltage v gd v d = rated 2 / 3, tc = 125c 0.2 D D v critical rate of rise of off ? state voltage dv / dt v drm = rated, tc = 125c exponential rise D 50 D v / s holding current i h v d = 6v, i tm = 1a D D 40 ma latching current i l v d = 6v, f = 50hz, t gw = 50s i g = 30ma D D 50 ma thermal resistance r th (j ? c) junction to case D D 3.4 c / w marking f10gz47 sf10gz47 *1 mark f10jz47 type name SF10JZ47 *2 example 8a : january 1998 8b : february 1998 8l : december 1998
sf10gz47,SF10JZ47 2001-07-13 3
sf10gz47,SF10JZ47 2001-07-13 4
sf10gz47,SF10JZ47 2001-07-13 5
sf10gz47,SF10JZ47 2001-07-13 6  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of SF10JZ47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X